Part Number Hot Search : 
133AC MAX141 FCH30B10 2SD19 MAX967 NTD42 HV632X ZMM5254
Product Description
Full Text Search
 

To Download DDTA143EUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30325 rev. 4 - 2 1 of 3 ddta (r1 = r2 series) ua www.diodes.com  diodes incorporated ddta (r1 = r2 series) ua pnp pre-biased small signal sot-323 surface mount transistor  epitaxial planar die construction  complementary npn types available (ddtc)  built-in biasing resistors, r1 = r2  also available in lead free version characteristic symbol value unit supply voltage, (3) to (1) v cc -50 v input voltage, (2) to (1) ddta123eua DDTA143EUA ddta114eua ddta124eua ddta144eua ddta115eua v in +10 to -12 +10 to -30 +10 to -40 +10 to -40 +10 to -40 +10 to -40 v output current ddta123eua DDTA143EUA ddta114eua ddta124eua ddta144eua ddta115eua i o -100 -100 -50 -30 -30 -20 ma output current all i c (max) -100 ma power dissipation p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625  c/w operating and storage and temperature range t j ,t stg -55 to +150  c features maximum ratings @ t a = 25  c unless otherwise specified a m j l f d b c h k g in gnd out mechanical data  case: sot-323, molded plastic  case material - ul flammability rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 3, on page 2  terminal connections: see diagram  marking: date code and marking code (see diagrams & page 2)  weight: 0.006 grams (approx.)  ordering information (see page 2) in in r 1 r 2 gnd schematic diagram out gnd out p/n r1, r2 (nom) marking ddta123eua DDTA143EUA ddta114eua ddta124eua ddta144eua ddta115eua 2.2k  4.7k  10k  22k  47k  100k  p04 p08 p13 p17 p20 p24 sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18  0  8  all dimensions in mm note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
ds30325 rev. 4 - 2 2 of 3 ddta (r1 = r2 series) ua www.diodes.com characteristic symbol min typ max unit test condition input voltage v l(off) -0.5 -1.1  v v cc = 5v, i o = 100  a v l(on)  -1.9 -3 v o = 0.3v, i o = 20ma, ddta123eua v o = 0.3v, i o = 20ma, DDTA143EUA v o = 0.3v, i o = 10ma, ddta114eua v o = 0.3v, i o = 5ma, ddta124eua v o = 0.3v, i o = 2ma, ddta144eua v o = 0.3v, i o = 1ma, ddta115eua output voltage v o(on)  -0.1 -0.3 v i o /i l =10ma/0.5ma, ddta123eua i o /i l =10ma/0.5ma, DDTA143EUA i o /i l =10ma/0.5ma, ddta114eua i o /i l =10ma/0.5ma, ddta124eua i o /i l =10ma/0.5ma, ddta144eua i o /i l =5ma/0.25ma, ddta115eua input current ddta123eua DDTA143EUA ddta114eua ddta124eua ddta144eua ddta115eua i l  -3.8 -1.8 -.88 -.36 -.18 -.15 ma v i = -5v output current i o(off)  0.5  a v cc = -50v, v i = 0v dc current gain ddta123eua DDTA143EUA ddta114eua ddta124eua ddta144eua ddta115eua g l -20 -20 -30 -56 -68 -82  v o = -5v, i o = -20ma v o = -5v, i o = -10ma v o = -5v, i o = -5ma v o = -5v, i o = -5ma v o = -5v, i o = -5ma v o = -5v, i o = -5ma input resistor (r 1 ) tolerance r 1 -30  +30 %  resistance ratio r 2 /r 1 0.8 1 1.2   gain-bandwidth product* f t  250  mhz v ce = -10v, i e = 5ma, f = 100mhz electrical characteristics @ t a = 25  c unless otherwise specified * transistor - for reference only month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst uvw date code key xxx = product type marking code see sheet 1 diagrams ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september xxx ym marking information notes: 2. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 3. for lead free version (with lead free terminal finish) part number, please add "-f" suffix to part number above. example: ddta115eua-7-f. device packaging shipping ddta1xxeua-7 sot-323 3000/tape & reel ddta1xxeua-13 sot-323 10,000/tape & reel ordering information (note 2)
ds30325 rev. 4 - 2 3 of 3 ddta (r1 = r2 series) ua www.diodes.com 1 1 10 01020304050 i , collector current (ma) c fi g . 6 input volta g e vs. collector current v = 0.2 o v , input voltage (v) in -25c 25c 75 c 0.01 0.1 1 10 100 01 2 3 4 89 10 i , collector current (ma) c v , input voltage (v) in fi g . 5 collector current vs. input volta g e 75 c -25c 5 67 25c v = 5v o 0 2 4 6 10 0 20 30 c , c apa c itan c e ( pf ) ob v , reverse bias voltage (v) r fig. 4 output capacitance 12 10 5 15 25 8 i=0ma e 10 1000 100 1 1 10 100 hfe, dc current gain (normalized) i , collector current (ma) c fi g . 3 dc current gain v = 10 ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , maximum collector voltage (v) ce(sat) i , collector current (ma) c fig. 2 v vs. i ce ( sat ) c i/i =10 cb -25 c 75 c 25 c -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) a fi g . 1 deratin g curve p , power dissipation (milliwatts) d typical curves - DDTA143EUA


▲Up To Search▲   

 
Price & Availability of DDTA143EUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X